Part Number Hot Search : 
IRFP460B LA5692M LTC4425 13001 245MT AT89C5 MC145423 0BGXC
Product Description
Full Text Search
 

To Download DTA143EM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). the bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. only the on/off conditions need to be set for operation, marking device design easy. green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. dta143 em sot-723 8k / 7" reel rm 13 maximum ratings and el ectrical characteristics rating at 25c ambient temperature unless otherwise specified. maximum ratings em ee esa p d 100 150 300 mw v cc v v in v i o ma t j , t stg c notes : 1. valid provided that electrodes are kept at ambient temperature electrical characteristics symbol min typ max unit v i(off) -0.5 v i(on) -3 v o(on) -0.3 v i i -1.8 ma i o off) -0.5 a g i 30 r 1 3.29 4.7 6.11 k ? r 2 /r 1 0.8 1 1.2 f t 250 mhz symbol ordering information (example) rmg part no. note : detail please see "ordering information(detail, example)" below. package packing features packing code packing code (green) value 200 input voltage -30 ~ +10 unit eua / eca -50 power dissipation supply voltage parameter version : b13 small signal product output current -100 dta143 em/ee/eua/eca/es a pnp small signal transistor marking input resistance resistance ratio equivalent circuit m0 manufacture code -55 to + 150 junction and storage temperature range paramete r input voltage output voltage input current output current dc current gain transition frequency v condtion v cc = -5v, i o = -100 a v o = -0.3v, i o = -20ma i o / i i = -10ma / -0.5ma v i = -5v v cc = -50v, v i =0 v o = -5v, i o = -10ma v o = -10v, i o = -5ma, f=100mhz
sot-723 rm 13 sot-523 rn 13 sot-323 rv 13 sot-23 ru 13 to-92s a3 sot-723 rm 13 sot-523 rn 13 sot-323 rv 13 sot-23 ru 13 to-92s a3 min max min max a 3.85 4.15 0.15 0.16 b 3.01 3.31 0.12 0.13 c 15.10 15.50 0.59 0.61 d 0.38 0.55 0.01 0.02 e 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 e 0.36 0.51 0.01 0.02 dta143 em dta143 eca 8k / 7" reel 3k / 7" reel 3k /7" reel dta143 eua dta143 ee small signal product ordering information part no. package packing packing code to-92s note : manufacture special control, if empty means no special control requirement. dimensions dta143 esa 3k / box(ammo) rng rvg rug 3k / 7" reel version : b13 unit(mm) unit(inch) dim. manufacture code (note) m0 m0 m0 m0 m0 marking dta143 em 8k / 7" reel rmg dta143 eua 3k / 7" reel rvg packing code (green) dta143 ee 3k /7" reel rng a3g dta143 esa 3k / box(ammo) a3g rmg dta143 eca 3k / 7" reel rug
min max min max min max min max a 2.80 3.00 0.11 0.12 a 1.90 2.10 0.07 0.08 b 1.20 1.40 0.05 0.06 b 1.15 1.35 0.05 0.05 c 0.30 0.50 0.01 0.02 c 0.25 0.35 0.01 0.01 d 1.80 2.00 0.07 0.08 d 1.20 1.40 0.05 0.06 e 2.25 2.55 0.09 0.10 e 2.00 2.20 0.08 0.09 f 0.90 1.20 0.04 0.04 f 0.80 1.00 0.03 0.04 g min max min max min max min max a 1.50 1.70 0.06 0.07 a 1.15 1.25 0.05 0.05 b 0.70 0.80 0.03 0.03 b 0.75 0.85 0.03 0.03 c 0.25 0.35 0.01 0.01 c 0.17 0.27 0.01 0.01 d 0.90 1.10 0.04 0.04 d e 1.50 1.70 0.06 0.07 e 1.15 1.25 0.05 0.05 f 0.70 0.90 0.03 0.04 f 0.50 0.02 version : b13 dim. unit(mm) unit(inch) sot-323 dim. unit(mm) unit(inch) 0.8 typ 0.31 typ sot-723 dim. unit(mm) unit(inch) small signal product sot-23 sot-523 dim. unit(inch) 0.550 ref 0.022 ref unit(mm)


▲Up To Search▲   

 
Price & Availability of DTA143EM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X